|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
173 172 ? 0.8 162 ? 0.5 150 ? 0.8 7. 5 ? 0.4 7. 5 ? 0.4 51 ? 0.8 8- 4.5 ? 0.3 10 y 30 300 0
' zm2 s8m2 ??? ?;@ awg22 ul1430 55.5 ? 55 .5 ? ? 4- 4.5 55.5 162 ? 0.5 168 147 55.5 ? 8.5 4-r4.25 0 1 152 5.5 0.5 1 172 0.4 0.2 4.3 1. 6 1. 6 55.5 ? 162 71.3 ? 1 71.3 ? 1 147 specifi cations the following nos. have pwm controls and pulse sensors. dimensions unit : mm 172 mm 150 mm 51 mm mass 760g general specifi cations ~ material ???????? frame: aluminum, impeller: plastics (flammability: ul94v-1) ~ expected life ????? refer to specifi cations l10:survival rate:90% at 60 ? , rated voltage, and continuously run in a free air state ~ lead wire ??????? red black sensor yellow control brown ~ storage temperature ? 30 ? to 70 ? non-condensing 25mm thick(sidecut type) 51mm thick(sidecut type sg type) 51mm thick(sidecut type gv type) 51mm thick(sidecut type) 51mm thick(round type) san ace 172 dc fan sg type reference dimension of mounting holes and vent opening unit : mm inlet side, outlet side options unit : mm rotating direction air flow direction lead wire mounting hole type sidecut 17 2 mm model no. rated voltage operating voltage range pwm duty cycle t | % rated current rated input rated speed max. air flow max. static pressure spl operating temperature expected life | v | v | a | w | min -1 | m3/min | cfm | pa | inchh 2 o | db(a) |? | h 9SG5724P5H61 24 20.4 to 27.6 100 2.8 67.2 6,500 11.6 410 540 2.16 71 20 to 70 40,000 0 0.18 4.32 1,300 2.32 81.9 30 0.12 28 9sg5748p5g01 48 36 to 72 100 2.91 140 8,600 15.46 546 1,000 4.02 78 20 to 60 0 0.21 10.1 2,000 3.59 127 75.1 0.30 40 9sg5748p5h01 100 1.62 78 6,500 11.60 410 770 3.09 71 0 0.21 10.1 2,000 3.59 127 75.1 0.30 40 t pwm frequency 25khz for the fi nger guard model: 109-319j, fi x the fi nger guard to four holes as shown in the diagram. finger guards fan hexagonal nuts screws spring washers plain washers finger guards model 109-319j surface treatment nickel-chrome plating silver color inlet side, outlet side ~ available options: e without sensor pulse sensor 174 172 0.5 ? 1 148 162 62.2 1. 6 1.6 4.3 0.4 3.2 y 0 ? 1 ? 0.2 148 162 172 1.6 1. 6 152 4.3 9.5 y 0 ? 1 0.4 ? 0.2 ? 1 0.5 pa inch h 2 o cfm m 3 /min 0 1,200 800 400 ? dc 48v 200 1,000 600 5101520 iy 0% 50% 1.0 0 2.0 3.0 4.0 5.0 100 0 200 300 400 500 600 700 pwm ??a? 100% 9sg5748p5g01 dc 48v iy ? pa inch h 2 o cfm m 3 /min 0 15 510 700 2.0 1.0 3.0 0 600 900 800 500 400 300 200 100 0% pwm ??a? 100% 50% 0 100 200 300 400 500 pa inch h 2 o iy ? dc 24v cfm m 3 /min 0 100 2 200 300 400 500 600 700 4 6 8 10 12 14 1.0 0 0.5 1.5 2.0 2.5 0 100 200 300 400 500 pwm ??a? 100% 0% 50% 9sg5748p5h01 9SG5724P5H61 9sg5748p5h01 9SG5724P5H61 ? pwm ??a? 100 ? iy pa inch h 2 o cfm m 3 /min 2.0 1.0 3.0 0 0 15 510 700 600 900 800 500 400 300 200 100 36v 48v/72v 0 100 200 300 400 500 pa inch h 2 o cfm m 3 /min iy ? pwm ??a? 100 ? 700 200 0 100 300 400 500 600 4 2610 81214 0 0.5 1.0 1.5 2.0 2.5 300 0 100 200 400 500 27.6v 20.4v 24v ? 0 1,200 800 400 pa pwm ??a? 100 ? inch h 2 o cfm m 3 /min 200 1,000 600 5101520 36v 48v 72v iy 1.0 0 2.0 3.0 4.0 5.0 100 0 200 300 400 500 600 700 9sg5748p5g01 0 100 1,000 0 2,000 3,000 4,000 5,000 6,000 7,000 8,000 9,000 8,600min -1 2,000min -1 s8s min -1 pwm ??a???? % ?y dc48v pwm *t : 25khz 9sg5748p5g01 s8s min -1 pwm ??a???? % ?y dc48v pwm *t : 25khz 0 100 2,000min -1 1,000 0 2,000 3,000 4,000 5,000 6,000 7,000 8,000 9,000 6,500min -1 s8s min -1 pwm ??a???? % ?y dc24v pwm *t : 25khz 1,000 0 50 0 100 2,000 3,000 4,000 5,000 6,000 7,000 6,500min -1 1,300min -1 9sg5748p5h01 9SG5724P5H61 dc fan 172mm options unit : mm finger guards model 109-319e 109-319h surface treatment nickel-chrome plating silver cation electropainting black color inlet side, outlet side model 109-320 surface treatment nickel-chrome plating silver color outlet side air flow - static pressure characteristics pwm duty cycle operating voltage range pwm duty - speed characteristics example static pressure static pressure static pressure static pressure static pressure static pressure air flow air flow air flow air flow air flow air flow pwm duty cycle 100 ? pwm duty cycle 100 ? pwm duty cycle 100 ? rotation speed min -1 pwm duty cycle % voltage 48v dc pwm frequency 25khz rotation speed min -1 rotation speed min -1 pwm duty cycle % pwm duty cycle % voltage 48v dc pwm frequency 25khz voltage 24v dc pwm frequency 25khz pwm duty cycle pwm duty cycle pwm duty cycle for the fi nger guard model: 109-319e, 109-319h, 109-320, fi x the fi nger guard to two holes as shown in the diagram. do not fi x it to any other holes. plain washers finger guards screws spring washers hexagonal nuts fan |
Price & Availability of 9SG5724P5H61 |